전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2986 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 AN2986
상세설명  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 4Page - STMicroelectronics AN2986 Datasheet HTML 5Page - STMicroelectronics AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Gate resistor choice
AN2986
8/18
Doc ID 15727 Rev 1
VGT (0 °C) = 1 + 0.05 V,
VOLmax [ 25 °C, IGT (0 °C)] = 0.55 V
RG is then given by:
Equation 2
The standard value of the resistor is 180
Ω which is also sufficient for accuracy of ±5%.
Example 2: STM32103RB + Z0103 for 3.3 V ±5%
Specified values:
IGT (25 °C)= 3 mA, VDD = 3.3 V, VGT (25 °C) = 1.3 V
Calculated values: IGT (0 °C) = 1.5 x IGT (25 °C) = 4.5 mA,
VDDmin = 0.95 x 3.3 V = 3.13 V,
VGT (0 °C) = 1.3 + 0.05 V,
VOLmax (IG = 8 mA) = 0.4 V
RG is then given by:
Equation 3
The standard value of the resistor is 300
Ω. The value 270 Ω is sufficient for accuracy of
±5%.
Please remember that we are focusing on Q2/Q3 operation (refer to AN2703 for quadrant
definition). For Q1/Q4 operation, "VDDmin – VOLmax" in Equation 1 has to be replaced by
VOHmin. Usually VOHmin is reached for minimum VDD.
Also, if a positive power supply is used (i.e. the device works in Q1/Q4 quadrants), the
required gate current is higher for Q4 operations (5 mA instead of 3 mA for other quadrants
for Z0103), and the gate resistor has to be lower than 182
Ω (RG < 182 Ω for VOHmin =
VDDmin –0.4 V).
R
G
4.5
1.05
–
0.55
–
0.015
1.01
×
-------------------------------------------
192
Ω
=
<
R
G
3.13
1.35
–
0.4
–
0.0045
1.01
×
-------------------------------------------
303
Ω
=
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com