전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3181 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 AN3181
상세설명  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 20Page - STMicroelectronics AN3181 Datasheet HTML 21Page - STMicroelectronics AN3181 Datasheet HTML 22Page - STMicroelectronics AN3181 Datasheet HTML 23Page - STMicroelectronics AN3181 Datasheet HTML 24Page - STMicroelectronics AN3181 Datasheet HTML 25Page - STMicroelectronics AN3181 Datasheet HTML 26Page - STMicroelectronics AN3181 Datasheet HTML 27Page - STMicroelectronics AN3181 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Class B solution structure
AN3181
24/31
Doc ID 17286 Rev 2
Figure 12.
Periodic run mode self test and time base interrupt service structure
4.4.2
CPU light run mode self test
CPU core run mode self test is a simplified startup test where the flags and stack pointer are
not tested. In case of error, FailSafe() routine is called.
Figure 13.
CPU light run mode self test structure
4.4.3
Stack boundaries run mode test
The magic pattern stored at the top of the stack is checked here. In case the original pattern
is corrupted, FailSafe() routine is called. The pattern is placed at the lowest address
dedicated for stack area.Overflow and underflow are detected as the stack pointer rolls over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31