| 전자부품 데이터시트 검색엔진 |
|
AN3271 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3271 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 29 page ![]() Basic functionality AN3271 6/29 Doc ID 17933 Rev 2 1.4 Reset after long push (optional) Holding the PB and SR buttons simultaneously asserts a reset regardless of processor response - i.e. if the application is not responding to an interrupt (e.g. program freezes) (see Figure 3). The time needed for both buttons to be held is adjustable by an external capacitor (CSRD). Figure 3. Simplified timing sequence for option “reset asserted after long push” 1. For successful power-up the battery voltage has to be above VTH+ threshold. |