전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3271 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 AN3271
상세설명  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 11Page - STMicroelectronics AN3271 Datasheet HTML 12Page - STMicroelectronics AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics AN3271 Datasheet HTML 16Page - STMicroelectronics AN3271 Datasheet HTML 17Page - STMicroelectronics AN3271 Datasheet HTML 18Page - STMicroelectronics AN3271 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AN3271
Low battery detection
Doc ID 17933 Rev 2
15/29
7
Low battery detection
The LED in Figure 13 is ON if:
●
PB button is pressed for power-up and low battery voltage is detected (i.e. VCC < VTH+).
●
Application is powered (i.e. EN or EN is asserted) and undervoltage is detected.
Thus the user can be easily informed of the undervoltage condition. VCCLO is an open drain
output.
Figure 13.
Using an LED for low battery voltage detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29