전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3271 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 AN3271
상세설명  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics AN3271 Datasheet HTML 26Page - STMicroelectronics AN3271 Datasheet HTML 27Page - STMicroelectronics AN3271 Datasheet HTML 28Page - STMicroelectronics AN3271 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Conclusion
AN3271
28/29
Doc ID 17933 Rev 2
14
Conclusion
The STM660x provides an easy solution for safe control of application power management
and simultaneously offers adaptability to a broad spectrum of applications. It can be used in
complex systems, where each step is controlled by a processor, but also as a simple
connection without the need for additional parts. For easy evaluation and demonstration
purposes, a variety of tools are available.
15
Links
For additional information about the STM660x, please visit the Power Path Management
web page at: www.st.com/powerpath or attend our online video seminar on the same page.
16
Revision history
Table 1.
Document revision history
Date
Revision
Changes
16-Dec-2010
1
Initial release.
26-Jun-2012
2
Updated Section 6.2: Alternative single button control and
Section 15: Links.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29