전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3271 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN3271
상세설명  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 8Page - STMicroelectronics AN3271 Datasheet HTML 9Page - STMicroelectronics AN3271 Datasheet HTML 10Page - STMicroelectronics AN3271 Datasheet HTML 11Page - STMicroelectronics AN3271 Datasheet HTML 12Page - STMicroelectronics AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics AN3271 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Various connections of push-buttons
AN3271
12/29
Doc ID 17933 Rev 2
6
Various connections of push-buttons
The PB and SR inputs are usually controlled by two separate push-buttons (see Figure 8),
however both inputs can be connected to a single push-button as shown in Figure 9.
Figure 8.
Typical connection of PB and SR buttons
6.1
Single button control
●
If the device is off, press the push-button to power up.
●
If the device is on, press the push-button to power down.
●
If the application is not responding, press and hold the push-button to power down or
reset the application regardless of processor response.
Figure 9.
Single button control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29