전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3311 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 AN3311
상세설명  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics AN3311 Datasheet HTML 23Page - STMicroelectronics AN3311 Datasheet HTML 24Page - STMicroelectronics AN3311 Datasheet HTML 25Page - STMicroelectronics AN3311 Datasheet HTML 26Page - STMicroelectronics AN3311 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
AN3311
STM3210C-EVAL demonstration board
Doc ID 18209 Rev 1
23/58
4.14
TFT LCD connector CN14
One 34-pin male header CN14 is available on the board to connect LCD module board
MB785.
4.15
Power connector CN18
The STM3210C-EVAL demonstration board can be powered from a DC 5 V power supply
via the external power supply jack (CN18) shown in Figure 8. The central pin of CN18 must
be positive.
Figure 8.
Power supply connector CN18 viewed from the front
For more information on STM3210C-EVAL, please refer to the UM0600 user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58