전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3311 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 AN3311
상세설명  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 35Page - STMicroelectronics AN3311 Datasheet HTML 36Page - STMicroelectronics AN3311 Datasheet HTML 37Page - STMicroelectronics AN3311 Datasheet HTML 38Page - STMicroelectronics AN3311 Datasheet HTML 39Page - STMicroelectronics AN3311 Datasheet HTML 40Page - STMicroelectronics AN3311 Datasheet HTML 41Page - STMicroelectronics AN3311 Datasheet HTML 42Page - STMicroelectronics AN3311 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
AN3311
In-home display GUI application
Doc ID 18209 Rev 1
39/58
If Search Plugs is selected, the coordinator scans for smartplug devices for a certain length
of time and the display shows the following screens in loop:
Figure 15.
Searching plugs
After that, if some plugs are connected, it adds them to the smartplug list and then shows
the home screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58