전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3422 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 AN3422
상세설명  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 24Page - STMicroelectronics AN3422 Datasheet HTML 25Page - STMicroelectronics AN3422 Datasheet HTML 26Page - STMicroelectronics AN3422 Datasheet HTML 27Page - STMicroelectronics AN3422 Datasheet HTML 28Page - STMicroelectronics AN3422 Datasheet HTML 29Page - STMicroelectronics AN3422 Datasheet HTML 30Page - STMicroelectronics AN3422 Datasheet HTML 31Page - STMicroelectronics AN3422 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Peripheral migration
AN3422
28/52
Doc ID 018976 Rev 2
47
ADC3
SPI3
48
FSMC
UART4
49
SDIO
UART5
50
TIM5
DMA2_Channel1
51
SPI3
DMA2_Channel2
52
UART4
DMA2_Channel3
53
UART5
DMA2_Channel4
54
TIM6 / TIM6_DAC (1)
DMA2_Channel5
55
TIM7
AES
56
DMA2_Channel1
COMP_ACQ
57
DMA2_Channel2
NA
58
DMA2_Channel3
NA
59
DMA2_Channel4 / DMA2_Channel4_5(1)
NA
60
DMA2_Channel5
NA
61
ETH
NA
62
ETH_WKUP
NA
63
CAN2_TX
NA
64
CAN2_RX0
NA
65
CAN2_RX1
NA
66
CAN2_SCE
NA
67
OTG_FS
NA
1.
Depending on the product line used.
Table 10.
Interrupt vector differences between STM32F1 series and STM32L1 series
(continued)
Position
STM32F1 series
STM32L1 series
Color key:
= Different Interrupt vector
= Interrupt Vector name changed but F1 peripheral still mapped on the same Interrupt Vector
position in L1 series
= Feature not available (NA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52