| 전자부품 데이터시트 검색엔진 |
|
UM0225 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UM0225 3 Designing with CAPS 54/56 c) Reboot into Normal mode and restore the above two file names before executing “JTDCFGW uninstall.” 2. If you have not already installed the PEP driver, go to the CAPS subfolder “Drivers\Needhams” and invoke INSTALL.BAT. If INSTALL.BAT does not exist, then enter the following commands at the command prompt. >> Run regpep >> Copy pepnt.sys %windir%\system32\drivers\*.* 3. Go to the CAPS folder and update uPSDsoft.INI as follows, [JTAG] Driver=PEP <<< this is to indicate PEP driver is used. (OD indicates JTD driver is used) 4. Reboot your system with hyper-thread enabled. |