전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0225 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 UM0225
상세설명  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 25Page - STMicroelectronics UM0225 Datasheet HTML 26Page - STMicroelectronics UM0225 Datasheet HTML 27Page - STMicroelectronics UM0225 Datasheet HTML 28Page - STMicroelectronics UM0225 Datasheet HTML 29Page - STMicroelectronics UM0225 Datasheet HTML 30Page - STMicroelectronics UM0225 Datasheet HTML 31Page - STMicroelectronics UM0225 Datasheet HTML 32Page - STMicroelectronics UM0225 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
28/56
Because of STR91x pin dependencies, some peripherals may become unavailable for
assignment as pins are assigned. CAPS, dynamically, makes the necessary pin assignments
and reassignments. Peripherals no longer available for assignment, due to GPIO resource
limitations, are highlighted in red.
Note:
As a design aid, during pin assignment, you may always choose the Pin Summary tab to
graphically show the current pin assignments. (See Figure 26.: Pin Summary tab).
The header file 91x_conf.H is automatically created for your project. This default header file is
used by the STR9 HAL library to initialize clock source and peripheral usage. You may,
optionally, continue to step 2 of the dialog to create a C-header file. It is recommended that you
create the separate C-header file to be included in your source code to reference the pins and
their respective functions. (See Figure 24.: C-header file create dialog).
Figure 24. C-header file create dialog
Click the Save button to save the C-header file.
To address incremental design and PCB constraints there are two options for fixing pin
assignment.
Lock-pin feature
Selective pin function assignment
The lock-pin feature gives the user the option to fix a set of assigned pin(s) for the selected
peripheral by preventing CAPS from de-allocating those pins during subsequent peripheral
selection. The benefit of the lock-pin feature, a toggle feature, is to allow the user to lock the
optimal pin grouping assigned by CAPS.
To lock the pin, preventing CAPS pin reassignment, right-click on the desired peripheral in the
assigned list and click the Lock Pin pop-up button, as shown in Figure 25.
Figure 25. Lock and unlock pin toggle dialog
The peripheral mnemonic is grayed when the pin is locked. This is a toggle operation so use
the same mechanism, right-click and click the Unlock Pin pop-up button, to unlock the pin.
The selective pin function assignment option allows advanced users to have full control in
selectively assigning the pin functions of the selected peripheral. This option prevents the pin
function from being re-routed, fixing the pin for PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57