| 전자부품 데이터시트 검색엔진 |
|
AN4088 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 71 page ![]() DocID023072 Rev 3 59/71 AN4088 Firmware migration using the library 70 NA void I2C_AutoEndCmd(I2C_TypeDef* I2Cx, FunctionalState NewState); NA void I2C_ReloadCmd(I2C_TypeDef* I2Cx, FunctionalState NewState); NA void I2C_NumberOfBytesConfig(I2C_TypeDef* I2Cx, uint8_t Number_Bytes); NA void I2C_MasterRequestConfig(I2C_TypeDef* I2Cx, uint16_t I2C_Direction); void I2C_GenerateSTART(I2C_TypeDef* I2Cx, FunctionalState NewState); void I2C_GenerateSTART(I2C_TypeDef* I2Cx, FunctionalState NewState); void I2C_GenerateSTOP(I2C_TypeDef* I2Cx, FunctionalState NewState); void I2C_GenerateSTOP(I2C_TypeDef* I2Cx, FunctionalState NewState); NA void I2C_10BitAddressHeaderCmd(I2C_TypeDef* I2Cx, FunctionalState NewState); void I2C_AcknowledgeConfig(I2C_TypeDef* I2Cx, FunctionalState NewState); void I2C_AcknowledgeConfig(I2C_TypeDef* I2Cx, FunctionalState NewState); NA uint8_t I2C_GetAddressMatched(I2C_TypeDef* I2Cx); NA uint16_t I2C_GetTransferDirection(I2C_TypeDef* I2Cx); NA void I2C_TransferHandling(I2C_TypeDef* I2Cx, uint16_t Address, uint8_t Number_Bytes, uint32_t ReloadEndMode, uint32_t StartStopMode); ErrorStatus I2C_CheckEvent(I2C_TypeDef* I2Cx, uint32_t I2C_EVENT) NA void I2C_Send7bitAddress(I2C_TypeDef* I2Cx, uint8_t Address, uint8_t I2C_Direction) NA Table 27. STM32F10xx and STM32F0xx I2C driver API correspondence (continued) STM32F10xx I2C Driver API STM32F0xx I2C Driver API |