| 전자부품 데이터시트 검색엔진 |
|
AN4088 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 71 page ![]() Firmware migration using the library AN4088 44/71 DocID023072 Rev 3 4.4 CRC driver The table below presents the CRC driver API correspondence between STM32F10x and STM32F0xx Libraries. FlagStatus FLASH_GetFlagStatus(uint32_t FLASH_FLAG); FlagStatus FLASH_GetFlagStatus(uint32_t FLASH_FLAG); void FLASH_ClearFlag(uint32_t FLASH_FLAG); void FLASH_ClearFlag(uint32_t FLASH_FLAG); FLASH_Status FLASH_GetStatus(void); FLASH_Status FLASH_GetStatus(void); FLASH_Status FLASH_WaitForLastOperation(uint32_t Timeout); FLASH_Status FLASH_WaitForLastOperation(void); FlagStatus FLASH_GetPrefetchBufferStatus(void); FlagStatus FLASH_GetPrefetchBufferStatus(void); Note: (*) This function is applicable only for STM32F042 devices. Table 21. STM32F10x and STM32F0xx Flash driver API correspondence (continued) STM32F10x Flash driver API STM32F0xx Flash driver API Color key: = New function = Same function, but API was changed = Function not available (NA) Table 22. STM32F10xx and STM32F0xx CRC driver API correspondence STM32F10xx CRC driver API STM32F0xx CRC driver API NA void CRC_DeInit(void); void CRC_ResetDR(void); void CRC_ResetDR(void); NA void CRC_ReverseInputDataSelect(uint32_t CRC_ReverseInputData); NA void CRC_ReverseOutputDataCmd(FunctionalState NewState); NA void CRC_SetInitRegister(uint32_t CRC_InitValue); NA void CRC_PolynomialSizeSelect(uint32_t CRC_PolSize)(*) NA void CRC_SetPolynomial(uint32_t CRC_Pol)(*) uint32_t CRC_CalcCRC(uint32_t CRC_Data); uint32_t CRC_CalcCRC(uint32_t CRC_Data); uint32_t CRC_CalcBlockCRC(uint32_t pBuffer[], uint32_t BufferLength); uint32_t CRC_CalcBlockCRC(uint32_t pBuffer[], uint32_t BufferLength); uint32_t CRC_GetCRC(void); uint32_t CRC_GetCRC(void); NA void CRC_CalcCRC16bits(uint32_t CRC_Data)(*) NA void CRC_CalcCRC8bits(uint32_t CRC_Data)(*) |