전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4088 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4088
상세설명  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 3Page - STMicroelectronics AN4088 Datasheet HTML 4Page - STMicroelectronics AN4088 Datasheet HTML 5Page - STMicroelectronics AN4088 Datasheet HTML 6Page - STMicroelectronics AN4088 Datasheet HTML 7Page - STMicroelectronics AN4088 Datasheet HTML 8Page - STMicroelectronics AN4088 Datasheet HTML 9Page - STMicroelectronics AN4088 Datasheet HTML 10Page - STMicroelectronics AN4088 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
DocID023072 Rev 3
7/71
AN4088
Hardware migration from STM32F1 to STM32F0 series
70
Table 4. STM32F1 series and STM32F07x device pinout differences
LQFP100
STM32F1 series
STM32F07x devices
Pinout
Pinout
STM32F071/72
Pinout
STM32F078
10
VSS_5
PF9
PF9
11
VDD_5
PF10
PF10
12
OSC_IN
PF0 - OSC_IN
PF0 - OSC_IN
13
OSC_OUT
PF1 - OSC_OUT
PF1 - OSC_OUT
19
VSSA
PF2
PF2
20
VREF -
VSSA
VSSA
21
VREF +
VDDA
VDDA
22
VDDA
PF3
PF3
37
BOOT1 - PB2
PB2
NPOR
73
NC
PF6
PF6
75
VDD_2
VDDIO2
VDDIO2
Table 5. STM32F1 series and STM32F09x device pinout differences
LQFP100
STM32F1 series
STM32F09x devices
Pinout
Pinout
STM32F091
Pinout
STM32F098
10
VSS_5
PF9
PF9
11
VDD_5
PF10
PF10
12
OSC_IN
PF0 - OSC_IN
PF0 - OSC_IN
13
OSC_OUT
PF1 - OSC_OUT
PF1 - OSC_OUT
19
VSSA
PF2
PF2
20
VREF -
VSSA
VSSA
21
VREF +
VDDA
VDDA
22
VDDA
PF3
PF3
37
BOOT1 - PB2
PB2
NPOR
73
NC
PF6
PF6
75
VDD_2
VDDIO2
VDDIO2
94
BOOT0
BOOT0-PF11
BOOT0-PF11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71