전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4126 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN4126
상세설명  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 데이터시트(HTML) 2 Page - STMicroelectronics

  AN4126 Datasheet HTML 1Page - STMicroelectronics AN4126 Datasheet HTML 2Page - STMicroelectronics AN4126 Datasheet HTML 3Page - STMicroelectronics AN4126 Datasheet HTML 4Page - STMicroelectronics AN4126 Datasheet HTML 5Page - STMicroelectronics AN4126 Datasheet HTML 6Page - STMicroelectronics AN4126 Datasheet HTML 7Page - STMicroelectronics AN4126 Datasheet HTML 8Page - STMicroelectronics AN4126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Contents
AN4126
2/28
Doc ID 023299 Rev 1
Contents
1
An overview of FCC regulations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.1
Part 15.247 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.2
Part 15.249 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.3
Parts 15.205 and 15.209 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3
Transmitter parameter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1
Part 15.247 measurement for frequency hopping systems . . . . . . . . . . . 11
3.1.1
20 dB channel bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1.2
Carrier frequency separation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.1.3
Number of hopping channels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.1.4
Frequency hopping systems peak output power . . . . . . . . . . . . . . . . . . 13
3.1.5
Frequency hopping systems 100 kHz bandwidth of band edges conducted
emission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
3.1.6
Spurious RF conducted emission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
3.2
Part 15.247 measurement for digital modulation schemes . . . . . . . . . . . 17
3.2.1
Signal bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
3.2.2
Digital modulation schemes peak output power . . . . . . . . . . . . . . . . . . 18
3.2.3
Power spectral density . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
3.2.4
Digital modulation schemes 100 kHz bandwidth of band edges conducted
emission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
3.2.5
Spurious RF conducted emission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
3.3
Part 15.249 measurements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.3.1
Peak output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.3.2
Conducted harmonics and other harmonics emissions . . . . . . . . . . . . . 24
4
Receiver parameter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
5
Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com