전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4126 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN4126
상세설명  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 데이터시트(HTML) 3 Page - STMicroelectronics

  AN4126 Datasheet HTML 1Page - STMicroelectronics AN4126 Datasheet HTML 2Page - STMicroelectronics AN4126 Datasheet HTML 3Page - STMicroelectronics AN4126 Datasheet HTML 4Page - STMicroelectronics AN4126 Datasheet HTML 5Page - STMicroelectronics AN4126 Datasheet HTML 6Page - STMicroelectronics AN4126 Datasheet HTML 7Page - STMicroelectronics AN4126 Datasheet HTML 8Page - STMicroelectronics AN4126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AN4126
List of figures
Doc ID 023299 Rev 1
3/28
List of figures
Figure 1.
SPIRIT1 application daughterboard . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
SPIRIT1 application daughterboard plugged on the motherboard . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Daughterboard schematic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
20 dB channel bandwidth measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 5.
Minimum carrier frequency separation measurement. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
Full band hopping channels measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Peak output power measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
902 MHz band edge conducted emission measurement . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 9.
928 MHz band edge conducted emission measurement . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
Spurious conducted emission below 1 GHz measurement . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
Spurious conducted emission above 1 GHz measurement . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 12.
6 dB bandwidth measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 13.
Peak output power measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 14.
Power spectral density measurement. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 15.
902 MHz band edge conducted emission measurement . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 16.
928 MHz band edge conducted emission measurement . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 17.
Spurious conducted emission below 1 GHz measurement . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 18.
Spurious conducted emission above 1 GHz measurement . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 19.
Peak output power at -1 dBm measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 20.
Spurious conducted emission below 1 GHz measurement . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 21.
Spurious conducted emission above 1 GHz measurement . . . . . . . . . . . . . . . . . . . . . . . . 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com