전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4126 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4126
상세설명  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4126 Datasheet HTML 1Page - STMicroelectronics AN4126 Datasheet HTML 2Page - STMicroelectronics AN4126 Datasheet HTML 3Page - STMicroelectronics AN4126 Datasheet HTML 4Page - STMicroelectronics AN4126 Datasheet HTML 5Page - STMicroelectronics AN4126 Datasheet HTML 6Page - STMicroelectronics AN4126 Datasheet HTML 7Page - STMicroelectronics AN4126 Datasheet HTML 8Page - STMicroelectronics AN4126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AN4126
An overview of FCC regulations
Doc ID 023299 Rev 1
5/28
greater than 0.4 seconds within a 10 second period. The maximum allowed 20 dB
bandwidth of the hopping channel is 500 kHz.
●
For systems employing at least 50 channels, the maximum peak conducted output
power output is +30 dBm (1 W). For systems that employ less than 50 channels, but at
least 25 channels, the maximum output power is +24 dBm (0.25 W).
●
In any 100 kHz bandwidth outside the frequency band of operation, the power must be
at least 20 dB below that in the 100 kHz bandwidth within the band that contains the
highest level of the desired power.
●
Radiated harmonic and spurious emissions which fall within the restricted bands, as
defined in FCC part 15.205, must comply with the radiated emission limits specified in
FCC part 15.209.
●
To be compliant with the digital modulation scheme the devices or systems must meet
the following requirement: the minimum 6 dB bandwidth of the signal must be at least
500 kHz.
●
The maximum permitted peak conducted output power is + 30 dBm (1 W). However,
the power spectral density conducted from the intentional radiator to the antenna must
not be greater than 8 dBm in any 3 kHz band during any time interval of continuous
transmission.
●
In any 100 kHz bandwidth outside the frequency band of operation, the power must be
at least 20 dB below that in the 100 kHz bandwidth within the band that contains the
highest level of the desired power.
●
Radiated harmonic and spurious emissions which fall within the restricted bands, as
defined in FCC part 15.205, must comply with the radiated emission limits specified in
FCC part 15.209.
1.2
Part 15.249
As opposed to part 15.247, FCC part 15.249 in the 902 - 928 MHz bandwidth does not
enforce restrictions on either the modulation scheme or the end application.
To be compliant with part 15.249, the device or system must meet the following
requirements:
●
The maximum permitted field strength is 50 mV/m. Since the field strength limits are
specified at a distance of 3m from the radiating source, this equates to a conducted
power of about -1 dBm measured at the antenna port.
●
The maximum permitted field strength of harmonic components is 500 µV/m. This
equates, at a 3 m distance, to a conducted power level of about -41 dBm measured at
the antenna port.
●
Radiated emission other than harmonics must be attenuated by at least 50 dB below
the level of the fundamental or to the general radiated emission limits in the 15.209
section, whichever has the lesser attenuation.
Sub-part 15.31 duty cycle correction applies to pulse modulated transmitters and where an
average limit for carrier or spurious field strength is specified.
1.3
Parts 15.205 and 15.209
As already described in the previous paragraphs, radiated harmonics and spurious
emissions of devices that comply with part 15.247 which fall within the restricted bands, as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com