전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4126 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN4126
상세설명  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 데이터시트(HTML) 4 Page - STMicroelectronics

  AN4126 Datasheet HTML 1Page - STMicroelectronics AN4126 Datasheet HTML 2Page - STMicroelectronics AN4126 Datasheet HTML 3Page - STMicroelectronics AN4126 Datasheet HTML 4Page - STMicroelectronics AN4126 Datasheet HTML 5Page - STMicroelectronics AN4126 Datasheet HTML 6Page - STMicroelectronics AN4126 Datasheet HTML 7Page - STMicroelectronics AN4126 Datasheet HTML 8Page - STMicroelectronics AN4126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
An overview of FCC regulations
AN4126
4/28
Doc ID 023299 Rev 1
1
An overview of FCC regulations
Low power, non-licensed devices operating in the 902 - 928 MHz band can be found
everywhere, in toys, wireless security systems, wireless telemetry or wireless automatic
meter reading, and so on.
The FCC is the USA body responsible for implementation rules to limit the potential for
interference to licensed operations by low power, non-licensed transmitters. These rules are
documented in part 15 of title 47 of the FCC.
For operation in the 902 - 928 MHz band, a low power, non-licensed device must meet one
of the following sub-parts of the regulation:
●
Part 15.243: operation is restricted for devices to use radio frequency energy to
measure the characteristic of a material. Voice communication or other data
transmission is not permitted.
●
Part 15.245: operation is limited to devices operating as field disturbance sensors,
excluding perimeter protection systems.
●
Part 15.247: devices that operate to this part are limited to frequency hopping and
digitally modulated schemes.
●
Part 15.249: this sub-part does not enforce restrictions on either modulation scheme or
the end application.
The SPIRIT1 is designed to meet the 15.247 and 15.249 sub-parts, so this document
continues with a description and measurement results of these two parts.
1.1
Part 15.247
Devices that operate to FCC part 15.247 are limited to frequency hopping and digitally
modulated schemes.
To be compliant with the frequency hopping system, the device or system must meet the
following requirements:
●
Frequency hopping systems must have hopping channel carrier frequencies separated
by a minimum of 25 kHz or 20 dB bandwidth of the hopping channel, whichever is
greater.
●
The system must hop to channel frequencies that are selected at the system hopping
rate from a pseudo randomly ordered list of hopping frequencies. Each frequency must
be used equally on the average by each transmitter.
●
If the 20 dB bandwidth of the hopping channel is less than 250 kHz, the system must
use at least 50 hopping frequencies and the average time of occupancy on any
frequency must not be greater than 0.4 seconds within a 20 second period; if the 20 dB
bandwidth of the channel is 250 kHz or greater, the system must use at least 25
hopping frequencies and the average time of occupancy on any frequency must not be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com