전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4365 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN4365
상세설명  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 3Page - STMicroelectronics AN4365 Datasheet HTML 4Page - STMicroelectronics AN4365 Datasheet HTML 5Page - STMicroelectronics AN4365 Datasheet HTML 6Page - STMicroelectronics AN4365 Datasheet HTML 7Page - STMicroelectronics AN4365 Datasheet HTML 8Page - STMicroelectronics AN4365 Datasheet HTML 9Page - STMicroelectronics AN4365 Datasheet HTML 10Page - STMicroelectronics AN4365 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DocID025303 Rev 2
7/35
AN4365
STM32F4 power consumption
34
STM32F4 devices feature four main low-power modes:
•
Sleep mode:
–
Only the CPU clock is stopped.
The Cortex-M4 clock is stopped and the peripherals are kept running. The current
consumption increases with the clock frequency. As in Run mode, the user should be
aware of system configuration rules that concern the system clock and voltage
regulator scales.
•
Stop mode:
–
Lowest power consumption while all the SRAM and registers are kept.
–
PLL, HSI, HSE are disabled.
–
All clocks in 1.2 V domain are switched-off.
–
Voltage regulator is working in Normal mode or Low-power mode.
–
Flash memory is working in Stop mode or Deep-power down mode.
The Cortex-M4 core is stopped and the clocks are switched off (the PLL, the HSI and
the HSE are disabled). SRAM and register content are kept. All I/O pins keep the same
state as the Run mode. The voltage regulator is working in Normal or Low-power mode
and the Flash memory can be configured in Stop mode or Deep-power down mode to
save more static power.
•
Standby mode:
–
The lowest power consumption.
–
The 1.2 domain is powered off (regulator is disabled).
–
SRAM and register contents are lost except in the backup domain.
The Cortex-M4 core is stopped and the clocks are switched off. The voltage regulator is
disabled and the 1.2 V domain is powered-off. SRAM and register contents are lost
except for registers in the Backup domain (RTC registers, RTC backup register and
backup SRAM), and Standby circuitry. This mode has the lowest current consumption,
which depends on the configuration of both backup SRAM (not available for
STM32F401x) and RTC.
•
VBAT mode:
–
The main digital supply (VDD) is turned off.
–
The circuit is supplied through VBAT pin which should be connected to an external
supply voltage (a battery or any other source).
This mode is used only when the main digital supply (VDD) is turned off and the VBAT
pin is connected to an external supply voltage (a battery or any other source). The VBAT
pin powers the Backup domain (RTC registers, RTC backup register and backup
SRAM).
For a further description of these low-power mode features and low-power technology of
STM32F4, you can refer to application note “How to achieve the lowest current consumption
with STM32F2xx” (AN3430) and to reference manuals RM0090 and RM0368, available
from the ST Website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com