전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4365 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 AN4365
상세설명  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 26Page - STMicroelectronics AN4365 Datasheet HTML 27Page - STMicroelectronics AN4365 Datasheet HTML 28Page - STMicroelectronics AN4365 Datasheet HTML 29Page - STMicroelectronics AN4365 Datasheet HTML 30Page - STMicroelectronics AN4365 Datasheet HTML 31Page - STMicroelectronics AN4365 Datasheet HTML 32Page - STMicroelectronics AN4365 Datasheet HTML 33Page - STMicroelectronics AN4365 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
STM32F4 low-power application case
AN4365
30/35
DocID025303 Rev 2
Figure 16. Hardware connections
To run the application on STM32F4 devices, the following steps are required:
1.
Connect the two I2Cs of the two devices.
2.
Power both discoveries through mini USB connectors.
3.
From Windows, launch the adequate toolchain and load the two boards with Master
and sensor programs.
4.
Connect the multimeter to the desired board instead of each discovery Idd jumper
(JPx) as described in Table 2.
5.
Press the master user button to start the application and then the multimeter displays
the average power consumption of each device.
Note:
The R30 resistance should be removed from the MB1115B discovery.
The R31 and R34 resistances should be removed from the MB997C discovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35