전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4365 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN4365
상세설명  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 6Page - STMicroelectronics AN4365 Datasheet HTML 7Page - STMicroelectronics AN4365 Datasheet HTML 8Page - STMicroelectronics AN4365 Datasheet HTML 9Page - STMicroelectronics AN4365 Datasheet HTML 10Page - STMicroelectronics AN4365 Datasheet HTML 11Page - STMicroelectronics AN4365 Datasheet HTML 12Page - STMicroelectronics AN4365 Datasheet HTML 13Page - STMicroelectronics AN4365 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
STM32F4 power consumption
AN4365
10/35
DocID025303 Rev 2
STM32F4 MCUs offer the following scales:
•
STM32F427x/437x/429x/439x: three voltage scales
–
scale3 (up to 120 MHz)
–
scale2 (from 120 to 144 MHz)
–
scale1 (up to 180 MHz)
•
STM32F405x/415x/407x/417x: two voltage scales
–
scale2 (up to 144 MHz)
–
scale1 (up to 168 MHz)
•
STM32F401x: two voltage scales
–
scale3 (up to 60 MHz)
–
scale2 (up to 84 MHZ)
1.2.3
Voltage regulator bypass
This feature consists in using an external source for the CPU core voltage instead of an
internal LDO regulator voltage output. When bypassing the voltage regulator, we can save
up to 50% of power when the supply voltage is 3.3 V and up to 35% in case when the supply
voltage is 1.8 V.
1.2.4
Voltage regulator power tricks
There are new tricks implemented in STM32F4 MCUs to reduce current consumption by
monitoring the regulator voltage output.
•
Over-drive mode: this mode allows the CPU and the core logic to operate at a higher
frequency than the normal mode for a given voltage scaling (scale1, scale2 or scale3).
This mode is available only with STM32F429x/439x devices.
•
Low-voltage mode: in Stop mode, we can further reduce the voltage output of the low-
power regulator by using the Low-voltage mode. This mode is only available in Stop
mode with STM32F429x/439x and STM32F401x devices.
•
Under-drive mode: the 1.2 V domain is preserved in Reduced-leakage mode. This
mode is only available in Stop mode when the main regulator or the low-power
regulator is in Low-voltage mode. Under-drive mode is available only with
STM32F429x/439x devices.
1.2.5
ART configuration
The ART accelerator implements an instruction prefetch queue and instruction/data caches,
which increase the overall system performance speed and efficiency by increasing the
Flash memory access.
When the user does not need the system’s full processing performance and wants to further
reduce the consumption, it is recommended to disable the prefetch buffer by software.
Disabling the prefetch buffer avoids extra Flash access that consumes almost up to 10% of
the overall consumption without affecting much the overall performance, depending on the
code alignment on the Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com