전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4365 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 AN4365
상세설명  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 27Page - STMicroelectronics AN4365 Datasheet HTML 28Page - STMicroelectronics AN4365 Datasheet HTML 29Page - STMicroelectronics AN4365 Datasheet HTML 30Page - STMicroelectronics AN4365 Datasheet HTML 31Page - STMicroelectronics AN4365 Datasheet HTML 32Page - STMicroelectronics AN4365 Datasheet HTML 33Page - STMicroelectronics AN4365 Datasheet HTML 34Page - STMicroelectronics AN4365 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
DocID025303 Rev 2
33/35
AN4365
Conclusion
34
4
Conclusion
This application note demonstrates the low-power features integrated into the STM32F4
series that ensure the trade-off between power efficiency and high performance.
The first part of the document provides an overview about these power features and
describes how to well configure and measure the different power modes.
The second part is based on an application case of communication between master and
sensor that takes the advantage of different STM32F4 low-power features to reach a lower
current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35