전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4471 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 AN4471
상세설명  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 16Page - STMicroelectronics AN4471 Datasheet HTML 17Page - STMicroelectronics AN4471 Datasheet HTML 18Page - STMicroelectronics AN4471 Datasheet HTML 19Page - STMicroelectronics AN4471 Datasheet HTML 20Page - STMicroelectronics AN4471 Datasheet HTML 21Page - STMicroelectronics AN4471 Datasheet HTML 22Page - STMicroelectronics AN4471 Datasheet HTML 23Page - STMicroelectronics AN4471 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Hardware layout and configuration
AN4471
20/39
DocID026197 Rev 1
Figure 12. Acquisition by Program “4”, where C1, C2, C3 and C4 are XDCR_1,
XDCR_2, XDCR_3 and XDCR_4, respectively
Figure 13. Acquisition by Program “4”, where C1, C2, C3 and C4 are XDCR_5,
XDCR_6, XDCR_7 and XDCR_8, respectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39