| 전자부품 데이터시트 검색엔진 |
|
AN4515 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4515 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 24 page ![]() DocID026482 Rev 1 11/24 AN4515 Application Overview 23 1.3.4 How to execute code from RAM using Keil® MDK-ARM™ toolchain This section gives an overview of the steps required to execute part of the application code from RAM using Keil MDK-ARM toolchain. Executing a source file from RAM Executing a source file from RAM means that all the functions declared in this file will be executed from RAM area. Follow the steps below to execute a file from RAM (see Figure 6): 1. Right click the file to place it in RAM and select Options. 2. Select the RAM area in the Memory Assignment menu. Figure 6. MDK-ARM file placement Executing an interrupt from RAM The following steps are required to execute an interrupt handler from RAM: 1. Make a second vector table and save it in a new file (startup_stm32f411xe_ram.s) that will be saved in RAM. 2. Place the interrupt handler to be executed from RAM in a new file named stm32f4xx_it_ram.c. 3. Place the required files in the right RAM area in the scatter file (see Figure 7). |