전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4515 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 AN4515
상세설명  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 16Page - STMicroelectronics AN4515 Datasheet HTML 17Page - STMicroelectronics AN4515 Datasheet HTML 18Page - STMicroelectronics AN4515 Datasheet HTML 19Page - STMicroelectronics AN4515 Datasheet HTML 20Page - STMicroelectronics AN4515 Datasheet HTML 21Page - STMicroelectronics AN4515 Datasheet HTML 22Page - STMicroelectronics AN4515 Datasheet HTML 23Page - STMicroelectronics AN4515 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Application current consumption
AN4515
20/24
DocID026482 Rev 1
3
Application current consumption
3.1
Hardware requirements
Before running the application and measure the current consumption, connect your PC to
the master and sensor as shown in Figure 16.
Figure 16. Hardware environment
The hardware required to run the application are the following:
•
Windows® PC
•
Two mini USB cables to power on the boards and to connect the Nucleo embedded ST-
LINK for debugging and programming
•
Five connectors to link the 32F401CDISCOVERY pins with the corresponding Nucleo
pins as described in Table 3.
•
A multimeter to measure current consumption.
Table 3. Master and sensor board connection
NUCLEO-F411RE
32F401CDISCOVERY
I2C SCL (PB8)
I2C SCL (PB6)
I2C SDA (PB9)
I2C SDA (PB9)
PA0
PA0 (USER button)
PA4
PE4 (MEMS INT1 pin)
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24