전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4515 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN4515
상세설명  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 14Page - STMicroelectronics AN4515 Datasheet HTML 15Page - STMicroelectronics AN4515 Datasheet HTML 16Page - STMicroelectronics AN4515 Datasheet HTML 17Page - STMicroelectronics AN4515 Datasheet HTML 18Page - STMicroelectronics AN4515 Datasheet HTML 19Page - STMicroelectronics AN4515 Datasheet HTML 20Page - STMicroelectronics AN4515 Datasheet HTML 21Page - STMicroelectronics AN4515 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application note use case
AN4515
18/24
DocID026482 Rev 1
Figure 13. Startup and Configuration Menu
4.
The system wakes up from Stop mode and enter SLEEP2 state waiting for the user to
select the desired configuration.
5.
Once the configuration is selected, an external interrupt on USART2_RX wakes up the
CPU from Sleep mode.
6.
The CPU enters Sleep mode again (SLEEP3 state) while a DMA transfers message is
sent via USART2.
7.
After a DMA transfer complete interrupt has been received, the CPU configures the
MEMS and enters SLEEP4 state waiting for an accelerometer movement (UP or
DOWN direction). The DMA sends the ### Move MEMS UP or DOWN ### message
during Sleep mode.
Figure 14. Wait MEMS movement while CPU is Sleep mode
and Flash memory stopped
8.
After the MEMS has moved, the CPU wakes up from Sleep mode, configures the I2C
interface and DMA to transfer samples coming from the MEMS. The DMA then starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24