전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4515 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4515
상세설명  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 12Page - STMicroelectronics AN4515 Datasheet HTML 13Page - STMicroelectronics AN4515 Datasheet HTML 14Page - STMicroelectronics AN4515 Datasheet HTML 15Page - STMicroelectronics AN4515 Datasheet HTML 16Page - STMicroelectronics AN4515 Datasheet HTML 17Page - STMicroelectronics AN4515 Datasheet HTML 18Page - STMicroelectronics AN4515 Datasheet HTML 19Page - STMicroelectronics AN4515 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application note use case
AN4515
16/24
DocID026482 Rev 1
2.2
STM32F411xx used peripherals
The application use case makes use of the below STM32F411xx peripherals:
•
Clocks
Two clocks are used in this application:
–
HSI: 16 MHz system clock source
–
LSE: 32.768 kHz low-speed external crystal which drives the RTC clock
•
SysTick timer
This timer is used for waiting loops or to generate timeouts (delays).
•
GPIOs
–
PA0: used as user pushbutton and wakeup pin from Standby mode
–
PA3: set as a pin with interrupt on USART2_RX input to wakeup from Stop mode
–
PA4: set as an input pin with interrupt connected to the MEMS PE4 pin (INT1) on
32F401CDISCOVERY. This pin is used to wake up the CPU from Sleep mode.
–
PB8(I2C1_SCL) and PB9(I2C1_SDA) connected to MEMS PB6 and PB9
–
When the microcontroller is in low-power mode, unused I/Os are placed in analog
input mode to reduce power consumption.
•
DMA1
DMA1 is used to transfer data while the CPU is in Sleep mode.
–
Stream0: enabled for receiving data from I2C1
–
Stream6: enabled for transmitting data to USART2
–
Unused streams are disabled
•
RTC
The RTC is an independent timer/counter that provides a calendar with subseconds,
seconds and minutes to generate timestamp events.It uses the LSE clock.
•
I2C1
The I2C1 interface receives data (11 samples) from the sensor at a speed up to
400 KHz.
•
USART2
The USART2 is used to transfer messages to USB virtual comport through the DMA.
The USART2 is configured as follow:
–
Word Length = 8 bits
–
Stop Bit = one Stop bit
–
Parity = without parity
–
Baud rate = 9600 bauds
–
Hardware flow control disabled (RTS and CTS signals)
•
RAM
A specific routine is executed from RAM when the Flash memory is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com