전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0237 데이터시트(PDF) 72 Page - STMicroelectronics

부품명 PM0237
상세설명  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 데이터시트(HTML) 72 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 68Page - STMicroelectronics PM0237 Datasheet HTML 69Page - STMicroelectronics PM0237 Datasheet HTML 70Page - STMicroelectronics PM0237 Datasheet HTML 71Page - STMicroelectronics PM0237 Datasheet HTML 72Page - STMicroelectronics PM0237 Datasheet HTML 73Page - STMicroelectronics PM0237 Datasheet HTML 74Page - STMicroelectronics PM0237 Datasheet HTML 75Page - STMicroelectronics PM0237 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
72/88
DocID027104 Rev 2
In the context of the Sensor Profile Demo, when the discovery all primary service procedure
completes, the EVT_BLUE_GATT_PROCEDURE_COMPLETE is generated on GAP Central
application, with following evt_gatt_procedure_complete data:
pr->conn_handle : 0x0801 (connection handle);
pr-> data_length: 0x01 (length of the event data);
pr->data[]: 0x00 (event data)
.
Table 46. Third evt_att_read_by_group_resp event data
Service handle
End group
handle
Service UUID
Note
0x0017
(BlueNRG),
0x0013
(BlueNRG-MS)
0x001A
(BlueNRG),
0x0016
(BlueNRG-MS)
0x42821A40E47711E282D00002A5D5
C51B
Environmental
service
128bits service
proprietary UUID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88