| 전자부품 데이터시트 검색엔진 |
|
UPD72001C 데이터시트(PDF) 33 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD72001C 데이터시트(HTML) 33 Page - NEC |
|
33 / 40 page ![]() µPD72001-11, 72001-A8 33 44 PIN PLASTIC QFP ( 10) B A 33 23 34 22 111 44 12 G H J I M K L N detail of lead end NOTE Each lead centerline is located within 0.15 mm (0.006 inch) of its true position (T.P.) at maximum material condition. P44G-80-22-2 ITEM MILLIMETERS INCHES A B C D F G H I J K L M N P Q S 13.6±0.4 0.15 1.65 MAX. 10.0±0.2 10.0±0.2 13.6±0.4 1.0 1.0±0.2 +0.10 –0.05 1.45±0.1 0.05±0.05 0.15 0.8 (T.P.) 1.0 0.35±0.10 1.8±0.2 0.15 0.039 0.039 0.535 +0.017 –0.016 0.394 +0.008 –0.009 0.394 +0.008 –0.009 0.535 +0.017 –0.016 0.006 0.031 (T.P.) 0.014+0.004 –0.005 0.071 +0.008 –0.009 0.039 +0.009 –0.008 0.006 +0.004 –0.003 0.006 0.002±0.002 0.065 MAX. 0.057 +0.005 –0.004 |