전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78323LP 데이터시트(PDF) 46 Page - NEC

부품명 UPD78323LP
상세설명  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD78323LP 데이터시트(HTML) 46 Page - NEC

Back Button UPD78323LP Datasheet HTML 42Page - NEC UPD78323LP Datasheet HTML 43Page - NEC UPD78323LP Datasheet HTML 44Page - NEC UPD78323LP Datasheet HTML 45Page - NEC UPD78323LP Datasheet HTML 46Page - NEC UPD78323LP Datasheet HTML 47Page - NEC UPD78323LP Datasheet HTML 48Page - NEC UPD78323LP Datasheet HTML 49Page - NEC UPD78323LP Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
46
µPD78323, 78324
5.
STANDBY FUNCTIONS
The
µPD78324 has the standby function to decrease the power consumption of the system. The following two modes
are available for execution of the standby function.
• HALT mode........ Mode for halting the CPU operation clock. The total power consumption of the
system can be decreased by intermittent operation in combination with the normal
operating mode.
• STOP mode....... Mode for stopping the whole system by stopping the oscillator. Considerably low
power consumption with leak current only can be set.
Each mode is set by the software. Figure 5-1 shows standby mode (STOP/HALT mode) transition.
Figure 5-1. Standby Status Transition
Normal
Status
STOP
HALT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86