| 전자부품 데이터시트 검색엔진 |
|
UPD78323LP 데이터시트(PDF) 80 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78323LP 데이터시트(HTML) 80 Page - NEC |
|
80 / 86 page ![]() 80 µPD78323, 78324 PROM Writing Tools This PROM programmer allows programming, in standalone mode or via operation from a host computer, of a singlechip microcontroller with on-chip PROM by connection of the board provided and a separately available programmer adapter. It can program typical 256K-bit to 4M-bit PROMs. PROM programmer made by Data I/O Japan Corporation. PROM programmer adapters for writing programs to the µPD78P324 with a general PROM programmer such as the PG-1500. PA-78P324GJ ... For µPD78P324GJ PA-78P324KC ... For µPD78P324KC PA-78P324KD ... For µPD78P324KD PA-78P324LP ... For µPD78P324LP Ordering Code (Product Name) Supply Medium OS Host Machine Connects PG-1500 and host machine via a serial and parallel interface, and controls the PG-1500 on the host machine. UNISITE 2900 PG-1500 controller Software Hardware PC-9800 series MS-DOS 3.5-inch 2HD µS5A13PG1500 5-inch 2HD µS5A10PG1500 IBM PC/AT and its PC DOS 3.5-inch 2HC µS7B13PG1500 compatible machine 5-inch 2HC µS7B10PG1500 Remark Operation of the PG-1500 controller is guaranteed only on the host machines and operating systems quoted above. PG-1500 PA-78P324GJ PA-78P324KC PA-78P324KD PA-78P324LP |