전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3716 데이터시트(PDF) 8 Page - Linear Technology

부품명 LTC3716
상세설명  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3716 데이터시트(HTML) 8 Page - Linear Technology

Back Button LTC3716_15 Datasheet HTML 4Page - Linear Technology LTC3716_15 Datasheet HTML 5Page - Linear Technology LTC3716_15 Datasheet HTML 6Page - Linear Technology LTC3716_15 Datasheet HTML 7Page - Linear Technology LTC3716_15 Datasheet HTML 8Page - Linear Technology LTC3716_15 Datasheet HTML 9Page - Linear Technology LTC3716_15 Datasheet HTML 10Page - Linear Technology LTC3716_15 Datasheet HTML 11Page - Linear Technology LTC3716_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC3716
PI FU CTIO S
RUN/SS (Pin 1): Combination of Soft-Start, Run Control
Input and Short-Circuit Detection Timer. A capacitor to
ground at this pin sets the ramp time to full current output.
Forcing this pin below 0.8V causes the IC to shut down all
internal circuitry. All functions are disabled in shutdown.
SENSE1+, SENSE2+ (Pins 2,14): The (+) Input to Each
Differential Current Comparator. The ITH pin voltage and
built-in offsets between SENSEand SENSE+ pins in
conjunction with RSENSE set the current trip threshold.
SENSE1, SENSE2(Pins 3,13): The (–) Input to the
Differential Current Comparators.
EAIN (Pin 4): Input to the error amplifier that compares the
feedback voltage to the internal 0.6V reference voltage.
This pin is normally connected to a resistive divider from
the output of the differential amplifier (DIFFOUT).
PLLFLTR (Pin 5): The phase-locked loop’s lowpass filter
is tied to this pin. Alternatively, this pin can be driven with
an AC or DC voltage source to vary the frequency of the
internal oscillator. Do not apply voltage to this pin prior to
application of VIN.
PLLIN (Pin 6): External Synchronization Input to Phase
Detector. This pin is internally terminated to SGND with
50k
Ω. The phase-locked loop will force the rising top gate
signal of controller 1 to be synchronized with the rising
edge of the PLLIN signal.
FCB (Pin 7): Forced Continuous Control Input. This input
acts on both output stages and can be used to regulate a
secondary winding. Pulling this pin below 0.6V will force
continuous synchronous operation. Do not leave this pin
floating without a decoupling capacitor.
ITH (Pin 8): Error Amplifier Output and Switching Regula-
tor Compensation Point. Both current comparator’s thresh-
olds increase with this control voltage. The normal voltage
range of this pin is from 0V to 2.4V
SGND (Pin 9): Signal Ground. This pin is common to both
controllers. Route separately to the PGND pin.
VDIFFOUT (Pin 10): Output of a Differential Amplifier. This
pin provides true remote output voltage sensing. VDIFFOUT
normally drives an external resistive divider that sets the
output voltage.
VOS–, VOS+ (Pins 11, 12): Inputs to an Operational Ampli-
fier. Internal precision resistors configure it as a differen-
tial amplifier whose output is VDIFFOUT.
ATTENOUT (Pin 15): Voltage Feedback Signal Resistively
Divided According to the VID Programming Code.
ATTENIN (Pin 16): The Input to the VID Controlled Resis-
tive Divider.
VID0–VID4 (Pins 17,18, 19, 20, 21): VID Control Logic
Input Pins.
VBIAS (Pin 22): Supply Pin for the VID Control Circuit.
AMPMD (Pin 23): This Logic Input pin controls the con-
nections of internal precision resistors that configure the
operational amplifier as a unity-gain differential amplifier.
TG2, TG1 (Pins 24, 35): High Current Gate Drives for Top
N-Channel MOSFETS. These are the outputs of floating
drivers with a voltage swing equal to INTVCC superim-
posed on the switch node voltage SW.
SW2, SW1 (Pins 25, 34): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
BOOST2, BOOST1 (Pins 26, 33): Bootstrapped Supplies
to the Topside Floating Drivers. External capacitors are con-
nected between the BOOST and SW pins, and Schottky
diodes are connected between the BOOST and INTVCC pins.
BG2, BG1 (Pins 27, 31): High Current Gate Drives for
Bottom N-Channel MOSFETS. Voltage swing at these pins
is from ground to INTVCC.
PGND (Pin 28): Driver Power Ground. Connect to sources
of bottom N-channel MOSFETS and the (–) terminals of CIN.
INTVCC (Pin 29): Output of the Internal 5V Linear Low
Dropout Regulator and the EXTVCC Switch. The driver and
control circuits are powered from this voltage source.
Decouple to power ground with a 1
µF ceramic capacitor
placed directly adjacent to the IC and minimum of 4.7
µF
additional tantalum or other low ESR capacitor.
EXTVCC (Pin 30): External Power Input to an Internal
Switch. This switch closes and supplies INTVCC, bypass-
ing the internal low dropout regulator whenever EXTVCC is
higher than 4.7V. See EXTVCC Connection in the Applica-
tions Information section. Do not exceed 7V on this pin
and ensure VEXTVCC ≤ VINTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com