전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3716 데이터시트(PDF) 6 Page - Linear Technology

부품명 LTC3716
상세설명  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3716 데이터시트(HTML) 6 Page - Linear Technology

Back Button LTC3716_15 Datasheet HTML 2Page - Linear Technology LTC3716_15 Datasheet HTML 3Page - Linear Technology LTC3716_15 Datasheet HTML 4Page - Linear Technology LTC3716_15 Datasheet HTML 5Page - Linear Technology LTC3716_15 Datasheet HTML 6Page - Linear Technology LTC3716_15 Datasheet HTML 7Page - Linear Technology LTC3716_15 Datasheet HTML 8Page - Linear Technology LTC3716_15 Datasheet HTML 9Page - Linear Technology LTC3716_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC3716
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
VITH vs VRUN/SS (Soft-Start)
SENSE Pins Total Source Current
LOAD CURRENT (A)
0
–0.2
–0.1
20
3716 G13
–0.3
–0.4
5
10
15
25
0.0
FCB = 0V
VIN = 15V
FIGURE 1
VRUN/SS (V)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
3716 G14
56
VOSENSE = 0.7V
VSENSE COMMON MODE VOLTAGE (V)
0
0
3716 G15
–50
–100
24
50
100
6
Maximum Current Sense
Threshold vs Temperature
TEMPERATURE (
°C)
–50
–25
70
74
80
0
50
75
3716 G16
72
78
76
25
100
125
RUN/SS Current vs Temperature
TEMPERATURE (
°C)
–50
–25
0
0.2
0.6
0.8
1.0
75
100
50
1.8
3716 G17
0.4
0
25
125
1.2
1.4
1.6
Soft-Start Up (Figure 13)
VITH
1V/DIV
VOUT
1V/DIV
VRUN/SS
2V/DIV
100ms/DIV
3716 G18
Maximum Current Sense Threshold
vs VRUN/SS (Soft-Start)
Maximum Current Sense Threshold
vs Sense Common Mode Voltage
Current Sense Threshold
vs ITH Voltage
COMMON MODE VOLTAGE (V)
0
72
76
80
4
3716 G11
68
64
60
1
2
3
5
VITH (V)
0
30
50
70
90
2
3716 G12
10
–10
20
40
60
80
0
–20
–30
0.5
1
1.5
2.5
VRUN/SS (V)
0
0
20
40
60
80
12
3
4
3716 G10
56
VSENSE(CM) = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com