전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3716 데이터시트(PDF) 9 Page - Linear Technology

부품명 LTC3716
상세설명  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3716 데이터시트(HTML) 9 Page - Linear Technology

Back Button LTC3716_15 Datasheet HTML 5Page - Linear Technology LTC3716_15 Datasheet HTML 6Page - Linear Technology LTC3716_15 Datasheet HTML 7Page - Linear Technology LTC3716_15 Datasheet HTML 8Page - Linear Technology LTC3716_15 Datasheet HTML 9Page - Linear Technology LTC3716_15 Datasheet HTML 10Page - Linear Technology LTC3716_15 Datasheet HTML 11Page - Linear Technology LTC3716_15 Datasheet HTML 12Page - Linear Technology LTC3716_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC3716
FU CTIO AL DIAGRA
PI FU CTIO S
VIN (Pin 32): Main Supply Pin. Should be closely de-
coupled to the IC’s signal ground pin.
PGOOD (Pin 36): Open-Drain Logic Output. PGOOD is
pulled to ground when the voltage on the EAIN pin is not
within
±10% of its set point.
SWITCH
LOGIC
0.60V
4.8V
5V
VIN
CLK2
TO SECOND
CHANNEL
CLK1
+
+
VREF
INTERNAL
SUPPLY
EXTVCC
INTVCC
SGND
+
5V
LDO
REG
SW
SHDN
0.55V
TOP
BOOST
TG
CB
CIN
D1
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
+
3716 FBD
EAIN
VFB
DROP
OUT
DET
RUN
SOFT-
START
BOT
FCB
TOP ON
S
R
Q
Q
OSCILLATOR
PLLFLTR
50k
EA
0.66V
0.60V
OV
1.2
µA
6V
+
RC
5VFB
RST
SHDN
RUN/SS
ITH
CC
CSS
5VFB
0.86V
SLOPE
COMP
+
+
SENSE
SENSE+
INTVCC
30k
45k
2.4V
45k
RSENSE
30k
I1
I2
B
ATTENIN
10k
R1
VID0
ATTENOUT
VID1
VID2
VID3
VID4
TYPICAL ALL
VID PINS
40k
VBIAS
PHASE DET
PLLIN
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
CC2
+
+
COUT
VOUT
fIN
RLP
CLP
+
DIFFOUT
AMPMD
VOS
+
VOS
0.54V
0.66V
+
+
EAIN
PGOOD
5-BIT VID DECODER
+
4.5V
0.18
µA
+
FCB
3V
FCB
L
A1
0V POSITION
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com