전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3716 데이터시트(PDF) 4 Page - Linear Technology

부품명 LTC3716
상세설명  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3716 데이터시트(HTML) 4 Page - Linear Technology

  LTC3716_15 Datasheet HTML 1Page - Linear Technology LTC3716_15 Datasheet HTML 2Page - Linear Technology LTC3716_15 Datasheet HTML 3Page - Linear Technology LTC3716_15 Datasheet HTML 4Page - Linear Technology LTC3716_15 Datasheet HTML 5Page - Linear Technology LTC3716_15 Datasheet HTML 6Page - Linear Technology LTC3716_15 Datasheet HTML 7Page - Linear Technology LTC3716_15 Datasheet HTML 8Page - Linear Technology LTC3716_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC3716
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VBIAS = 5V, VRUN/SS = 5V unless otherwise noted.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current
≥40% IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 8: Each built-in pull-up resistor attached to the VID inputs also has a
series diode to allow input voltages higher than the VIDVCC supply without
damage or clamping (see the Applications Information section).
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: The LTC3716 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3716EG: TJ = TA + (PD • 85°C/W)
Note 4: The LTC3716 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VEAIN.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level, Either Controller
VEAIN with Respect to Set Output Voltage
VEAIN Ramping Negative
– 8
– 10
– 12
%
VEAIN Ramping Positive
8
10
12
%
Differential Amplifier/Op Amp Gain Block
ADA
Differential Amplifier Gain
VAMPMD = 0V
0.995
1
1.005
V/V
CMRRDA
Common Mode Rejection Ratio
0V < VCM < 5V; VAMPMD = 0V
46
55
dB
RIN
Input Resistance
Measured at VOS+ Input; VAMPMD = 0V
80
k
VOS
Input Offset Voltage
Op Amp Mode; VCM = 2.5V, VAMPMD = 5V
6
mV
VDIFFOUT = 5V; IDIFFOUT = 1mA
IB
Input Bias Current
Op Amp Mode; VAMPMD = 5V
30
200
nA
AOL
Open-Loop DC Gain
Op Amp Mode; 0.7V
≤ VDIFFOUT < 10V, VAMPMD = 5V
5000
V/mV
VCM
Common Mode Input Voltage Range
Op Amp Mode; VAMPMD = 5V
0
3
V
CMRROA
Common Mode Rejection Ratio
Op Amp Mode; 0V < VCM < 3V, VAMPMD = 5V
70
90
dB
PSRROA
Power Supply Rejection Ratio
Op Amp Mode; 6V < VIN < 30V, VAMPMD = 5V
70
90
dB
ICL
Maximum Output Current
Op Amp Mode; VDIFFOUT = 0V, VAMPMD = 5V
10
35
mA
VOMAX
Maximum Output Voltage
Op Amp Mode; IDIFFOUT = 1mA, VAMPMD = 5V
10
11
V
GBW
Gain-Bandwidth Product
Op Amp Mode; IDIFFOUT = 1mA, VAMPMD = 5V
2
MHz
SR
Slew Rate
Op Amp Mode; RL = 2k, VAMPMD = 5V
5
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com