전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD802S 데이터시트(PDF) 1 Page - SamHop Microelectronics Corp.

부품명 STUD802S
상세설명  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD802S 데이터시트(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD802S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STU/D802S
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
80
25
100
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
80V
25A
50 @ VGS=4.5V
35 @ VGS=10V
FEATURES
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
A
www.samhop.com.tw
Mar,31,2010
1
TO-252 and TO-251 Package.
Super high dense cell design for low RDS(ON).
Rugged and reliable.
STU SERIES
TO-252AA(D-PAK)
G
G
S
S
D
D
STD SERIES
TO-251(l-PAK)
G
G
S
S
D
D
S
G
D
TA=25°C
EAS
2
50
W
PD
°C
62.5
-55 to 150
°C/W
THERMAL CHARACTERISTICS
°C/W
196
mJ
Avalanche Energy
c
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
TA=25°C
Ver 1.0
Green
Product


유사한 부품 번호 - STUD802S

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STUD816S SAMHOP-STUD816S Datasheet
114Kb / 8P
Super high dense cell design for low RDS(ON).
More results

유사한 설명 - STUD802S

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com