전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD802S 데이터시트(PDF) 4 Page - SamHop Microelectronics Corp.

부품명 STUD802S
상세설명  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD802S 데이터시트(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD802S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10
1
60
50
40
30
20
0
246
8
10
0
ID=16A
10
60
25 C
75 C
125 C
125 C
0
0.25
0.50
0.75
1.00
1.25
25 C
75 C
0
5
10
15
20
25
30
3600
3000
2400
1800
1200
600
0
Cis s
Cos s
Crs s
100
10
1
1
610
60 100
60
600
300
600
V DS =40V , ID=16A
V G S =10V
Tr
TD(off)
Tf
TD(on)
4
VGS, Gate-Source Voltage (V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage (V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to Source Voltage (V)
Figure 9. Capacitance
Qg, Total Gate Charge (nC)
Figure 10. Gate Charge
Rg, Gate Resistance (
Ω)
Figure 11. Switching Characteristics
VDS, Gate-Source Voltage (V)
Figure 12. Maximum Safe
Operating Area
10
8
6
4
2
0
24
32
40
48
56
64
V DS =64V
ID=16A
16
8
0
100
10
0.1
1
700
1
10
100
100us
R
DS
(O
N)
Lim
it
1ms
10ms
DC
V GS =10V
S ingle P uls e
T c=25 C
STU/D802S
www.samhop.com.tw
Mar,31,2010
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com