전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD802S 데이터시트(PDF) 3 Page - SamHop Microelectronics Corp.

부품명 STUD802S
상세설명  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD802S 데이터시트(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD802S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD802S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
55
44
33
22
11
0
48
36
24
12
0
60
90
75
60
45
30
15
1
11
22
33
44
55
1
Tj( C )
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =4V
T j=125 C
V GS =10V
V GS =4.5V
2.0
1.8
1.6
1.4
1.2
1.0
0.0
0
25
50
75
150
100
125
0.0
0.8
1.6
2.4
3.2
4.0
4.8
25 C
-55 C
VGS =4.5V
VGS =3.5V
VGS =5V
VGS =10V
V GS =4.5V
ID=14A
V GS =10V
ID=16A
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
0
100 125 150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75
100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
50
25
75
3
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current (A)
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Tj, Junction Temperature ( C )
Figure 4. On-Resistance Variation with
Drain Current and Temperature
Tj, Junction Temperature ( C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature ( C )
Figure 6. Breakdown Voltage Variation
with Temperature
STU/D802S
www.samhop.com.tw
Mar,31,2010
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com