전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5232 데이터시트(PDF) 9 Page - Maxim Integrated Products

부품명 MAX5232
상세설명  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5232 데이터시트(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5232 Datasheet HTML 5Page - Maxim Integrated Products MAX5232 Datasheet HTML 6Page - Maxim Integrated Products MAX5232 Datasheet HTML 7Page - Maxim Integrated Products MAX5232 Datasheet HTML 8Page - Maxim Integrated Products MAX5232 Datasheet HTML 9Page - Maxim Integrated Products MAX5232 Datasheet HTML 10Page - Maxim Integrated Products MAX5232 Datasheet HTML 11Page - Maxim Integrated Products MAX5232 Datasheet HTML 12Page - Maxim Integrated Products MAX5232 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
_______________________________________________________________________________________
9
DYNAMIC RESPONSE FALL TIME
(MAX5233)
MAX5232/MAX5233 toc22
2
µs/div
VOUT
1V/div
VCS
5V/div
4.096V
5V
0
10mV
ANALOG CROSSTALK
(MAX5232)
MAX5232/MAX5233 toc23
400
µs/div
OUTB
5mV/div
AC-COUPLED
OUTA
2V/div
ANALOG CROSSTALK
(MAX5233)
MAX5232/MAX5233 toc24
400
µs/div
OUTB
5mV/div
AC-COUPLED
OUTA
5V/div
DIGITAL FEEDTHROUGH
(MAX5232)
MAX5232/MAX5233 toc25
10
µs/div
OUTA
1mV/div
AC-COUPLED
SCLK
2V/div
DIGITAL FEEDTHROUGH
(MAX5233)
MAX5232/MAX5233 toc26
10
µs/div
OUTA
1mV/div
AC-COUPLED
SCLK
5V/div
MAJOR-CARRY TRANSITION
(MAX5232)
MAX5232/MAX5233 toc27
2
µs/div
OUTA
100mV/div
AC-COUPLED
CS
5V/div
MAJOR-CARRY TRANSITION
(MAX5233)
MAX5232/MAX5233 toc28
2
µs/div
OUTA
100mV/div
AC-COUPLED
CS
5V/div
REFERENCE VOLTAGE
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
1.2335
1.2340
1.2345
1.2350
1.2330
-40
85
NO LOAD
REFERENCE VOLTAGE
vs. TEMPERATURE (MAX5233)
TEMPERATURE (
°C)
60
35
10
-15
2.4615
2.4620
2.4625
2.4630
2.4610
-40
85
NO LOAD
Typical Operating Characteristics (continued)
(VDD = +3V (MAX5232), VDD = +5V (MAX5233), RL = 5k
Ω, CL = 100pF, OS_ = AGND, both DACs enabled with full-scale output code,
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com