전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5232 데이터시트(PDF) 10 Page - Maxim Integrated Products

부품명 MAX5232
상세설명  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5232 데이터시트(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5232 Datasheet HTML 6Page - Maxim Integrated Products MAX5232 Datasheet HTML 7Page - Maxim Integrated Products MAX5232 Datasheet HTML 8Page - Maxim Integrated Products MAX5232 Datasheet HTML 9Page - Maxim Integrated Products MAX5232 Datasheet HTML 10Page - Maxim Integrated Products MAX5232 Datasheet HTML 11Page - Maxim Integrated Products MAX5232 Datasheet HTML 12Page - Maxim Integrated Products MAX5232 Datasheet HTML 13Page - Maxim Integrated Products MAX5232 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
10
______________________________________________________________________________________
PIN
NAME
FUNCTION
1
OSA
DAC A Offset Adjust
2
OUTA
DAC A Output
3
RSTV
Reset Value Input
1: Connect to VDD to select midscale as the reset value.
0: Connect to DGND to select zero as the reset value.
4
LDAC
Load DACs A and B
5
CLR
Clear Input. Both DAC outputs go to zero or midscale. Clears both DAC internal registers (input
register and DAC register) to its predetermined (RSTV) state.
6
CS
Chip-Select Input
7
DIN
Serial Data Input. Data is clocked in on the rising edge of SCLK.
8
SCLK
Serial Clock Input
9
DGND
Digital Ground
10
DOUT
Serial Data Output
11
PDL
Power-Down Lockout. Disables shutdown of both DACs when low.
12
REF
Reference Output. Reference provides a 2.465V (MAX5233) or 1.234V (MAX5232) nominal output.
13
AGND
Analog Ground
14
VDD
Positive Power Supply. Bypass VDD with a 0.1µF capacitor in parallel with a 4.7µF capacitor to
AGND, and bypass VDD with a 0.1µF capacitor to DGND.
15
OUTB
DAC B Output
16
OSB
DAC B Offset Adjust
Pin Description
CS
SCLK
DIN
COMMAND EXECUTED
9
8
16
(1)
1
C1
C2
S0
C0
D9
D8
D7
D6
D3
D2
D1
D0
S2
(MODE 0)
(MODE 1)
DOUT
DOUT
C2
C1
C2
C1
S1
D5
D4
Figure 1. Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com