전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5232 데이터시트(PDF) 16 Page - Maxim Integrated Products

부품명 MAX5232
상세설명  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5232 데이터시트(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5232 Datasheet HTML 10Page - Maxim Integrated Products MAX5232 Datasheet HTML 11Page - Maxim Integrated Products MAX5232 Datasheet HTML 12Page - Maxim Integrated Products MAX5232 Datasheet HTML 13Page - Maxim Integrated Products MAX5232 Datasheet HTML 14Page - Maxim Integrated Products MAX5232 Datasheet HTML 15Page - Maxim Integrated Products MAX5232 Datasheet HTML 16Page - Maxim Integrated Products MAX5232 Datasheet HTML 17Page - Maxim Integrated Products MAX5232 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Power-Supply and Bypassing
Considerations
On power-up, the input and DAC registers are cleared
to either zero (RSTV = DGND) or midscale (RSTV =
VDD). Bypass VDD with a 4.7µF capacitor in parallel
with a 0.1µF capacitor to AGND, and bypass VDD with
a 0.1µF capacitor to DGND. Minimize lead lengths to
reduce lead inductance.
Grounding and Layout Considerations
Digital and AC transient signals on AGND or DGND can
create noise at the output. Connect AGND and DGND
to the highest quality ground available. Use proper
grounding techniques, such as a multilayer board with a
low-inductance ground plane or star connect all ground
return paths back to the MAX5232/MAX5233 AGND.
Carefully lay out the traces between channels to reduce
AC cross-coupling and crosstalk. Wire-wrapped boards
and sockets are not recommended. If noise becomes
an issue, shielding may be required.
Chip Information
TRANSISTOR COUNT: 4745
PROCESS: BiCMOS
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
16
______________________________________________________________________________________
TO OTHER
SERIAL DEVICES
MAX5232
MAX5233
DIN
SCLK
CS
MAX5232
MAX5233
DIN
SCLK
CS
MAX5232
MAX5233
DIN
SCLK
CS
DIN
SCLK
CS1
CS2
CS3
Figure 9. Multiple MAX5230/MAX5231s Sharing a Common DIN Line
TO OTHER
SERIAL DEVICES
MAX5232
MAX5233
DIN
SCLK
CS
MAX5232
MAX5233
MAX5232
MAX5233
DIN
DOUT
DOUT
DOUT
SCLK
CS
DIN
SCLK
CS
CS
SCLK
DIN
Figure 10. Daisy-Chaining MAX5230/MAX5231 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com