전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5232 데이터시트(PDF) 7 Page - Maxim Integrated Products

부품명 MAX5232
상세설명  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5232 데이터시트(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5232 Datasheet HTML 3Page - Maxim Integrated Products MAX5232 Datasheet HTML 4Page - Maxim Integrated Products MAX5232 Datasheet HTML 5Page - Maxim Integrated Products MAX5232 Datasheet HTML 6Page - Maxim Integrated Products MAX5232 Datasheet HTML 7Page - Maxim Integrated Products MAX5232 Datasheet HTML 8Page - Maxim Integrated Products MAX5232 Datasheet HTML 9Page - Maxim Integrated Products MAX5232 Datasheet HTML 10Page - Maxim Integrated Products MAX5232 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
_______________________________________________________________________________________
7
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE (MAX5233)
DIGITAL INPUT CODE
1000
875
750
625
500
375
250
125
0
-0.050
-0.025
0
0.025
0.050
0.075
-0.075
SUPPLY CURRENT vs. TEMPERATURE
(MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
410
420
430
440
450
400
-40
85
SUPPLY CURRENT vs. TEMPERATURE
(MAX5233)
TEMPERATURE (
°C)
60
35
10
-15
410
420
430
440
450
400
-40
85
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX5232)
SUPPLY VOLTAGE (V)
3.3
3.0
405
410
415
420
425
430
400
2.7
3.6
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX5233)
SUPPLY VOLTAGE (V)
5.25
5.00
4.75
465
470
475
480
485
490
460
4.50
5.50
FULL POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
-15
10
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.40
-40
85
NO LOAD
TWO-DACs SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
205
210
215
220
225
230
200
-40
85
NO LOAD
ONE-DAC SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5232)
TEMPERATURE (
°C)
60
35
10
-15
305
310
315
320
325
330
300
-40
85
NO LOAD
FULL POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5233)
TEMPERATURE (
°C)
60
35
-15
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.4
-40
85
NO LOAD
Typical Operating Characteristics (continued)
(VDD = +3V (MAX5232), VDD = +5V (MAX5233), RL = 5k
Ω, CL = 100pF, OS_ = AGND, both DACs enabled with full-scale output code,
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com