전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16C54T-HS/SS 데이터시트(PDF) 168 Page - Microchip Technology

부품명 PIC16C54T-HS/SS
상세설명  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-HS/SS 데이터시트(HTML) 168 Page - Microchip Technology

Back Button PIC16C54T-HS/SS Datasheet HTML 164Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 165Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 166Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 167Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 168Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 169Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 170Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 171Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 217 page
background image
PIC16C5X
PIC16C54A/CR57B/C58A/CR58A
DS30453B-page 168
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 18-17: TRANSCONDUCTANCE (gm)
OF HS OSCILLATOR vs. VDD
9000
8000
7000
6000
5000
4000
3000
2000
100
0
23456
7
VDD (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
FIGURE 18-18: TRANSCONDUCTANCE (gm)
OF LP OSCILLATOR vs. VDD
FIGURE 18-19: TRANSCONDUCTANCE (gm)
OF XT OSCILLATOR vs. VDD
45
40
35
30
25
20
15
10
5
0
23456
7
VDD (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
2500
2000
1500
1000
500
0
23456
7
VDD (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More