전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3803 데이터시트(PDF) 4 Page - Microchip Technology

부품명 USB3803
상세설명  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 데이터시트(HTML) 4 Page - Microchip Technology

  USB3803 Datasheet HTML 1Page - Microchip Technology USB3803 Datasheet HTML 2Page - Microchip Technology USB3803 Datasheet HTML 3Page - Microchip Technology USB3803 Datasheet HTML 4Page - Microchip Technology USB3803 Datasheet HTML 5Page - Microchip Technology USB3803 Datasheet HTML 6Page - Microchip Technology USB3803 Datasheet HTML 7Page - Microchip Technology USB3803 Datasheet HTML 8Page - Microchip Technology USB3803 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
USB3803
DS00001691B-page 4
 2014-2015 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The USB3803 is a family of low-power, USB 2.0 hub controllers with three downstream ports. “USB3803” is a generic
term referring to the entire family, which includes the following devices:
• USB3803C
• USB3803Ci
• USB3803B
• USB3803Bi
The USB3803 is available in two functional revisions (USB3803B and USB3803C) and two temperature ranges (com-
mercial and industrial). USB3803C is recommended for new designs. The difference between functional revisions is the
inclusion of an integrated USB bypass switch in the USB3803C device. This device specific feature, which does not
pertain to the USB3803B, is called out independently throughout the document. Table 1-1 provides a summary of the
feature differences between family members.
The USB3803 can attach to an upstream port as a full-speed hub or as a full-/hi-speed hub and supports low-speed,
full-speed, and hi-speed (if operating as a hi-speed hub) downstream devices on all of the enabled downstream ports.
The USB3803 has been specifically optimized for mobile embedded applications. The pin-count has been reduced by
optimizing the USB3803 for mobile battery-powered embedded systems where power consumption, small package
size, minimal BOM, and battery charger detection capabilities are critical design requirements. Standby mode and
Bypass mode (USB3803C only) power has been minimized. Instead of a dedicated crystal, reference clock inputs are
aligned to mobile applications. Flexible integrated power regulators ease integration into battery powered devices. Auto-
matic battery charger detection is available on the upstream port. All required resistors on the USB ports are integrated
into the hub. This includes all series termination resistors on D+ and D– pins and all required pull-down and pull-up resis-
tors on D+ and D– pins.
The integrated USB switch (USB3803C only) allows the USB3803C to bypass the USB Hub and directly connect the
upstream and Port 3 downstream USB port for operational modes that do not require Hi-Speed media transfers. The
bypass switch enables multiple connectivity options to the USB port while preserving the high speed signal quality in
USB Hub Mode.
The USB3803 integrated battery charger detection circuitry supports USB-IF 1.1 charger detection methods. These cir-
cuits are used to detect the attachment and type of a USB Charger and provide an interrupt output to the portable device
indicating that charger information is available to be read from USB3803 status registers via the serial interface.
The USB3803 includes programmable features such as:
MultiTRAKTM Technology
which utilizes a dedicated Transaction Translator (TT) per port to maintain consistent full-
speed data throughput regardless of the number of active downstream connections. MultiTRAKTM outperforms conven-
tional USB 2.0 hubs with a single TT in USB full-speed data transfers.
PortMap
which provides flexible port mapping and disable sequences. The downstream ports of a USB3803 hub can
be reordered or disabled in any sequence to support multiple platform designs with minimum effort. For any port that is
disabled, the USB3803 hub controllers automatically reorder the remaining ports to match the USB host controller’s port
numbering scheme.
PortSwap
which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost
which provides programmable levels of Hi-Speed USB signal drive
strength in the upstream and downstream port transceivers. PHYBoost attempts to
restore USB signal integrity in a compromised system environment. The graphic on
the right shows an example of Hi-Speed USB eye diagrams before and after PHY-
Boost signal integrity restoration.
TABLE 1-1:
USB3803 FAMILY DIFFERENCES
Part Number
USB Bypass Switch
0°C to +70°C
-40°C to +85°C
USB3803C
X
X
USB3803Ci
X
X
USB3803B
X
USB3803Bi
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com