전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3803 데이터시트(PDF) 6 Page - Microchip Technology

부품명 USB3803
상세설명  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 데이터시트(HTML) 6 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 2Page - Microchip Technology USB3803 Datasheet HTML 3Page - Microchip Technology USB3803 Datasheet HTML 4Page - Microchip Technology USB3803 Datasheet HTML 5Page - Microchip Technology USB3803 Datasheet HTML 6Page - Microchip Technology USB3803 Datasheet HTML 7Page - Microchip Technology USB3803 Datasheet HTML 8Page - Microchip Technology USB3803 Datasheet HTML 9Page - Microchip Technology USB3803 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
USB3803
DS00001691B-page 6
 2014-2015 Microchip Technology Inc.
1.1.1
BLOCK DIAGRAM
FIGURE 1-1:
USB3803 BLOCK DIAGRAM
From PMIC/SOC
VDD33_BYP
Upstream
PHY
USB
Upstream
Repeater
Controller
SIE
Serial
Interface
PLL
REF_CLK
To I2C Master
Routing & Port Re-Ordering Logic
SCL
SDA
Port Controller
PHY#3
Bypass/
USB Data
Downstream
Mode
Control
-
Standby
Bypass
Hub Mode
VDD12_BYP
TT #3
TT #2
TT #1
PHY#2
PHY#1
USB Data
Downstream
USB Data
Downstream
1.2V Reg
RESET_N
BYPASS_N
VBAT
Upstream Battery
Charger Detection
HUB_CONNECT
3.3V Reg
VDD_CORE_REG
INT_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com