전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3803 데이터시트(PDF) 9 Page - Microchip Technology

부품명 USB3803
상세설명  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 데이터시트(HTML) 9 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 5Page - Microchip Technology USB3803 Datasheet HTML 6Page - Microchip Technology USB3803 Datasheet HTML 7Page - Microchip Technology USB3803 Datasheet HTML 8Page - Microchip Technology USB3803 Datasheet HTML 9Page - Microchip Technology USB3803 Datasheet HTML 10Page - Microchip Technology USB3803 Datasheet HTML 11Page - Microchip Technology USB3803 Datasheet HTML 12Page - Microchip Technology USB3803 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 9
USB3803
3.2
Signal Definitions
WLCSP Pin
Name
Description
E2
USBUP_DP
Upstream D+ data pin of the USB Interface
E1
USBUP_DM
Upstream D- data pin of the USB Interface
A5
BYPASS_N
Control signal to select between HUB MODE and BYPASS MODE
Note:
Bypass mode is only available in the USB3803C.
C4
I2C_ASEL0
I2C Address Select Bit 0
B4
I2C_ASEL1
I2C Address Select Bit 1
A1
USBDN1_DP
USB downstream Port 1 D+ data pin
B1
USBDN1_DM
USB downstream Port 1 D- data pin
C2
USBDN2_DP
USB downstream Port 2 D+ data pin
D2
USBDN2_DM
USB downstream Port 2 D- data pin
C1
USBDN3_DP
USB downstream Port 3 D+ data pin
D1
USBDN3_DM
USB downstream Port 3 D- data pin
E5
SCL
I2C clock input
D5
SDA
I2C bi-directional data pin
E3
RESET_N
Active low reset signal
B5
HUB_CONNECT
Hub Connect
C5
INT_N
Active low interrupt signal
D4
REF_SEL1
Reference Clock Select 1 input
E4
REF_SEL0
Reference Clock Select 0 input
B3
REFCLK
Reference Clock input
A4
RBIAS
Bias Resistor pin
D3
VDD12_BYP
1.2 V Regulator
A2
VDD33_BYP
3.3 V Regulator
B2
VBAT
Voltage input from the battery supply
A3
VDD_CORE_REG
Power supply input to 1.2V regulator for digital logic core
C3
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com