전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24M02-DWMN3TP 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 M24M02-DWMN3TP
상세설명  Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DWMN3TP 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button M24M02-DWMN3TP Datasheet HTML 24Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 25Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 26Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 27Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 28Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 29Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 30Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 31Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
DC and AC parameters
M24M02-A125
28/38
DocID027947 Rev 2
Table 10. DC characteristics
Symbol
Parameter
Test conditions (in addition to
those in Table 7 and Table 8)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E2)
VIN = VSS or VCC,
device in Standby mode
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
fC = 400 kHz, VCC = 5.5 V
-
2
mA
fC = 400 kHz, VCC = 2.5 V
-
2
mA
fC = 1 MHz, VCC = 5.5 V
-
2
mA
fC = 1 MHz, VCC = 2.5 V
-
2
mA
ICC0
Supply current (Write)
During tW
-2(1)
mA
ICC1
Standby supply current
Device not selected(1)(2), t° = 85 °C
VIN = VSS or VCC, VCC = 2.5 V
-5
µA
Device not selected(1)(2), t° = 85 °C,
VIN = VSS or VCC, VCC = 5.5 V
-5
Device not selected(2), t° = 105 °C,
VIN = VSS or VCC, VCC = 2.5 V
-15
Device not selected(2), t° = 105 °C,
VIN = VSS or VCC, VCC = 5.5 V
-15
Device not selected(2), t° = 125 °C,
VIN = VSS or VCC, VCC = 2.5 V
-20
Device not selected(2), t° = 125 °C,
VIN = VSS or VCC, VCC = 5.5 V
-40
VIL
Input low voltage (SCL, SDA, WC)
-
–0.45
0.3 VCC
V
VIH
Input high voltage (SCL, SDA)
-
0.7 VCC
6.5
V
Input high voltage (WC, E2)
-
0.7 VCC
VCC +1
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-0.4
V
VRES(1)
Internal reset threshold voltage
-
0.5
1.5
V
1. Characterized only, not 100% tested.
2. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the completion of the
internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38