| 전자부품 데이터시트 검색엔진 |
|
M24M02-DWMN3TP 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M02-DWMN3TP 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 38 page ![]() DocID027947 Rev 2 35/38 M24M02-A125 Part numbering 37 10 Part numbering For a list of available options (speed, package, etc.) or for further information on any aspect of the devices, please contact your nearest ST sales office. Table 14. Ordering information scheme Example: M24M02 -D W MN 3 T P /K Device type M24 = I2C serial access EEPROM Device function M02-D = 2Mbit (256 K x 8 bits) plus identification page Operating voltage W = VCC = 2.5 V to 5.5 V Package MN = SO8 (150 mil width)(1) 1. The package is ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony-oxide flame retardants). Device grade 3 = -40 to 125 °C. Device tested with high reliability certified flow(2) 2. The high reliability certified flow (HRCF) is described in quality note QNEE9801. Please ask your nearest ST sales office for a copy. Option blank = tube packing T = Tape and reel packing Plating technology P or G = ECOPACK2® Process /K = Manufacturing technology code |