| 전자부품 데이터시트 검색엔진 |
|
M24M02-DWMN3TP 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M02-DWMN3TP 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 38 page ![]() Package mechanical data M24M02-A125 34/38 DocID027947 Rev 2 Table 13. SO8N – 8 lead plastic small outline, 150 mils body width, package data Symbol millimeters inches (1) 1. Values in inches are converted from mm and rounded to four decimal digits. Typ Min Max Typ Min Max A - - 1.750 - - 0.0689 A1 - 0.100 0.250 - 0.0039 0.0098 A2 - 1.250 - - 0.0492 - b - 0.280 0.480 - 0.0110 0.0189 c - 0.170 0.230 - 0.0067 0.0091 ccc - - 0.100 - - 0.0039 D 4.900 4.800 5.000 0.1929 0.1890 0.1969 E 6.000 5.800 6.200 0.2362 0.2283 0.2441 E1 3.900 3.800 4.000 0.1535 0.1496 0.1575 e 1.270 - - 0.0500 - - h - 0.250 0.500 - 0.0098 0.0197 k - 0° 8° - 0° 8° L - 0.400 1.270 - 0.0157 0.0500 L1 1.040 - - 0.0409 - - |