전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24M02-DWMN3TP 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 M24M02-DWMN3TP
상세설명  Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DWMN3TP 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button M24M02-DWMN3TP Datasheet HTML 29Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 30Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 31Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 32Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 33Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 34Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 35Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 36Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
DocID027947 Rev 2
33/38
M24M02-A125
Package mechanical data
37
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
SO8N package information
Figure 13. SO8N – 8 lead plastic small outline, 150 mils body width, package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38